PART |
Description |
Maker |
NCP1217A NCP1217 NCP1217D65R2 NCP1217P65 NCP1217AD |
Enhanced PWM Current-Mode Controller for High-Power Universal Off-Line Supplies PWM CURRENT- MODE CONTROL
|
ONSEMI[ON Semiconductor]
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
UC3842A-D08-T UC3842A05 UC3842A UC3843A UC3843AL-S |
CURRENT MODE PWM CONTROL CIRCUITS High Performance Current Mode Controllers
|
UNISONIC TECHNOLOGIES CO LTD 友顺科技股份有限公司 UTC[Unisonic Technologies] ON Semiconductor http://
|
L6562 FN9012 ISL6562 ISL656062E ISL656062EVAL1 ISL |
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller PWM Controller, 2-Phase Current Mode, 5-Bit VID, Reg ?.8%, 1.05-1.825 Voltage, VRM 8.5
|
http:// INTERSIL[Intersil Corporation]
|
MAX739 MAX739CPD MAX739CWE MAX739EPD MAX739EWE MAX |
-5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 185 kHz SWITCHING FREQ-MAX, PDSO16 -5V,-12V,-15V, and Adjustable Inverting Current-Mode PWM Regulators 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, UUC13 Synchronous 4-Bit Up/Down Counters (Dual Clock With Clear) 16-CDIP -55 to 125 2.5 A SWITCHING REGULATOR, 165 kHz SWITCHING FREQ-MAX, PDIP14 V - 12V的,- 15V的,和可调反相电流模式PWM稳压 -5V /-12V /-15V / and Adjustable Inverting Current-Mode PWM Regulators -5V-12V-15V and Adjustable Inverting Current-Mode PWM Regulators -12V, Inverting, PWM, Current-Mode DC-DC Converter
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
LT1619EMS8 LT1619ES8 LT1619 |
Low Voltage Current Mode PWM Controller
|
LINER[Linear Technology]
|
CS2844-D CS2844LN8 CS2844LD14 CS2844LDR14 |
Current Mode PWM Control Circuit Current Mode PWM Control Circuit with 50% Max Duty Cycle 1 A SWITCHING CONTROLLER, PDIP8
|
ON Semiconductor
|
NCP1595 NCP1595AMNR2G NCP1595MNR2G NCP1595A |
CURRENT MODE PWM CONVERTER FOR LOW VOLTAGE OUTPUTS
|
ONSEMI[ON Semiconductor]
|
AX3842S |
High Performance Current Mode Pwm Controlers
|
Avantics
|
PL384XBQ8 PL3842B PL3843B PL3844B PL3845B |
High Performance Current Mode PWM Controllers
|
CYSTEKEC[Cystech Electonics Corp.]
|
UC3842A |
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
|
STMicroelectronics
|